Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 20Page - Cirrus Logic CS1631 Datasheet HTML 21Page - Cirrus Logic CS1631 Datasheet HTML 22Page - Cirrus Logic CS1631 Datasheet HTML 23Page - Cirrus Logic CS1631 Datasheet HTML 24Page - Cirrus Logic CS1631 Datasheet HTML 25Page - Cirrus Logic CS1631 Datasheet HTML 26Page - Cirrus Logic CS1631 Datasheet HTML 27Page - Cirrus Logic CS1631 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
CS1630/31
24
DS954F2
whether data transfer is a read or write operation. This bit
should be set to '0' to perform a write operation and '1' to
perform a read operation. The 7-bit device address is the 7
most significant bit of the slave address. For data transfers,
the CS1630/31 acknowledges a binary device address of
‘0010000’, which is reserved for accessing OTP shadow
registers (see "One-Time Programmable (OTP) Registers" on
page 27).
After the 7-bit device address is received, the Control Port
performs a compare to determine if it matches the CS1630/31
device address. If the compare is true, the Control Port will
respond with an Acknowledge (bit A) and prepares the device
for a read or write operation. Since the CS1630/31 is always
in slave mode, the device sends an Acknowledge at the end
of each byte. The final bit is the Stop condition (bit P), which is
sent by the master to finish a data transfer.
The communication port supports single and block data
transfers. The block read or write capability is available by
setting the MSB of the register address to ‘1’. Device address
0x10 provides access to the OTP shadow registers in the
address range of 0x00 to 0x7F.
5.11.2 Control Port Enable
Control Port mode is enabled and initiated by transmitting a
two-byte hardware pass code using an I2C block write.
To enable the control port, the master needs to write a Start
condition followed by a slave address of 0x22 (7 MSB device
address = ‘0010001’ and the LSB R/W = ‘0’ for a write
operation). Then a 0x81 (MSB BLK/SGL = ‘1’ and 7 LSB
register address = ‘0000001’) followed by two bytes of data
0xF4 and 0x4F, ending the transmission with a Stop condition.
Once in Control Port mode, the CS1630/31 can be configured
to perform color calibration functions and program the OTP
memory. Several other system configuration tasks can be
performed by writing and reading the shadow registers using
the I2C port.
5.11.3 Read Operation
To perform a read operation, the master must write the 7-bit
device address, the R/W bit, the Block/Single (BLK/SGL) bit,
and the 7-bit shadow register address. The master can then
read the required bytes from the shadow registers. Figure 28
illustrates protocol for a single and block read operation.
To perform a single shadow register read, a write to the
Control Port must be used to set up the shadow register
address and the BLK/SGL configuration bit (indicating a single
read operation). To initiate a single read operation, a Start
condition followed by a slave address of 0x21 (7 MSB device
address = ‘0010000’ and the LSB R/W = ‘1’ for a read
operation) is sent at the start of the message. The MSB of the
second byte is cleared to ‘0’ to indicate a single byte read. The
remaining 7 bits of the second byte represent the shadow
register address of the read operation. After receiving the
Acknowledge from the Control Port, the master should
terminate the message by sending a Stop condition. The
protocol for a single read operation is illustrated by the top
frame in Figure 28.
To initiate a block read operation, a Start condition followed by
a slave address of 0x21 (7 MSB device address = ‘0010000’
and the LSB R/W = ‘1’ for a read operation) is sent at the start
of the message. The MSB of the second byte is set to ‘1’ to
indicate a block read. The remaining 7 bits of the second byte
represent the starting shadow register address of the read
operation. The slave continues to send data bytes until the
master sends a Stop condition after receiving the
Acknowledge, signifying the end of the block read message.
The protocol for a block read operation is illustrated by the
bottom frame in Figure 28.
5.11.4 Write Operation
To perform a write operation, the master must write the 7-bit
device address, the R/W bit, the BLK/SGL bit, and the 7-bit
shadow register address. The master can then write the
required bytes to the shadow registers. Figure 29 illustrates
protocol for a single and block write operation.
Figure 28. Frame Formats for Read Operation
0
A
1
S
A
Device Address
(7-bit)
Register Address
(7-bit)
‘0’ = Single
‘1’ = Read
Start
Condition
Stop
Condition
Data Transferred
(2 Bytes and Acknowledge)
Slave Address
(1 Byte and Acknowledge)
P
A
Data
‘A’ = Acknowledge
(SDA Low)
‘1’ = Block
S
A
Device Address
(7-Bit)
Register Address
(7-Bit)
Data
… ...
From Slave to Master
From Master to Slave
‘1’ = Read
Start
Condition
Stop
Condition
‘A’ = Acknowledge (SDA Low)
Data Transferred
(n Bytes and Acknowledge)
1
A
1
A
Slave Address
(1 Byte and Acknowledge)
P
A
Data
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com