Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS1631 Datasheet HTML 9Page - Cirrus Logic CS1631 Datasheet HTML 10Page - Cirrus Logic CS1631 Datasheet HTML 11Page - Cirrus Logic CS1631 Datasheet HTML 12Page - Cirrus Logic CS1631 Datasheet HTML 13Page - Cirrus Logic CS1631 Datasheet HTML 14Page - Cirrus Logic CS1631 Datasheet HTML 15Page - Cirrus Logic CS1631 Datasheet HTML 16Page - Cirrus Logic CS1631 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
CS1630/31
DS954F2
13
5.3.4 Leading-edge Mode
In Leading-edge Mode, the CS1630/31 regulates boost output
voltage VBST while maintaining the dimmer phase angle (see
Figure 9). The device executes a CCM boost algorithm using
dimmer attach current as the initial peak current for the initial
firing event of the dimmer. Upon gaining control of the incoming
current, the CS1630/31 transitions to a CRM boost algorithm to
regulate VBST. The device periodically executes a probe event
on the incoming waveform. The information from the probe
event is used to maintain proper operation with the dimmer
circuitry.
Figure 9. Leading-edge Mode Phase-cut Waveform
5.3.5 Trailing-edge Mode
In Trailing-edge Mode, the CS1630/31 determines its operation
based on the falling edge of the input voltage waveform (see
Figure 10). To provide proper dimmer operation, the
CS1630/31 executes the boost algorithm on the falling edge of
the input line voltage that maintains a charge in the dimmer
capacitor. To ensure maximum compatibility with dimmer
components, the device boosts during this falling edge event
using a peak current that must meet a minimum value. In
Trailing-edge Mode, only the CRM boost algorithm is used.
Figure 10. Trailing-edge Mode Phase-cut Waveform
5.4 Correlated Color Temperature Control
The CS1630/31 color control system can adjust and maintain
the correlated color temperature (CCT) for the LED color-
mixing application by connecting an external negative
temperature coefficient (NTC) thermistor to the eOTP pin. The
LED temperature variation can be accurately detected by the
internal eOTP feedback loops (see "External Overtemperature
Protection" on page 19).
Red and amber LEDs are necessary components in color-
mixing applications when providing warm white or other CCTs.
When mixing colors, red and amber LEDs are the most
temperature sensitive, so they cause a large variation in
temperature. The CS1630/31 is capable of providing LED
CCT and luminosity with temperature compensation using the
NTC thermistor to resolve the significant change in the
luminous output due to temperature variations.
Since LED lumens are mainly a function of temperature and
forward current, color temperature and luminosity can be
maintained by independently adjusting each string's output
current as the ambient temperature changes. This can be
done by mapping the NTC reading to a required value of the
current in each string using a digital mapping block.
In the CS1630/31, only one of the LED string currents is
compensated for due to temperature variations. The current in
the other string is kept constant over temperature, which may
result in the luminosity decreasing slightly as temperature
increases. In order for the ADC to resolve the entire range of
possible temperature variation in the LEDs, it is recommended
to select series resistor RS and NTC resistor RNTC with the
appropriate Beta value, which retains the total resistance
(RS+RNTC) at all possible operating temperatures within the
tracking range of the ADC. The final temperature-to-digital
code mapping depends on these variables.
The CS1630/31 color control system also has the ability to
maintain a constant CCT or change CCT as the light dims.
OTP configurations allow the selection of the dimming profile.
A specific CCT profile can be programmed to the digital
mapping device. In this case, the mapping is two-dimensional:
one current versus temperature profile is generated for each
dim level. The CS1630/31 provides two-dimensional mapping
for the color LED’s current only, and one-dimensional
mapping (current versus dim level) for the other string. A
simplified block diagram of the color control system is shown
in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com