Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1631 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 1 Page - Cirrus Logic

  CS1631 Datasheet HTML 1Page - Cirrus Logic CS1631 Datasheet HTML 2Page - Cirrus Logic CS1631 Datasheet HTML 3Page - Cirrus Logic CS1631 Datasheet HTML 4Page - Cirrus Logic CS1631 Datasheet HTML 5Page - Cirrus Logic CS1631 Datasheet HTML 6Page - Cirrus Logic CS1631 Datasheet HTML 7Page - Cirrus Logic CS1631 Datasheet HTML 8Page - Cirrus Logic CS1631 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Copyright
 Cirrus Logic, Inc. 2012
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS1630
CS1631
2-Channel TRIAC Dimmable LED Driver IC
Features
• Best-in-class Dimmer Compatibility
- Leading-edge (TRIAC) Dimmers
- Trailing-edge Dimmers
- Digital Dimmers (with Integrated Power Supply)
• Correlated Color Temperature (CCT) Control System
• Up to 85% Efficiency
• Flicker-free Dimming
• Programmable Dimming Profile
- Constant CCT Dimming
- Black Body Line Dimming
• 0% Minimum Dimming Level
• Temperature Compensated LED Current
• End-of-line Programming Using Power Line Calibration
- Lower LED Binning Requirement
• Programmable Series or Parallel Two-Channel Output
- Interleaved Output Eliminates Additional Transformer
• Programmable Quasi-resonant Second Stage with
Constant-current Output
- Flyback, Buck, and Tapped Buck
• Register Lockout
• Fast Startup
• Tight LED Current Regulation: Better than ±5%
• Primary-side Regulation (PSR)
• >0.9 Power Factor
• IEC-61000-3-2 Compliant
• Soft Start
• Protections:
- Output Open/Short
- Current-sense Resistor Open/Short
- External Overtemperature Using NTC
Overview
The CS1630 and CS1631 are high-performance offline AC/DC
LED drivers for dimmable and high color rendering index (CRI)
LED replacement lamps and luminaires. They feature Cirrus
Logic’s proprietary digital dimmer compatibility control technology
and digital correlated color temperature (CCT) control system that
enables two-channel LED color mixing. The CS1630 is designed
for 120VAC line voltage applications, and the CS1631 is
optimized for 230VAC line voltage applications.
The CS1630/31 integrates a critical conduction mode boost
converter, providing power factor correction and superior dimmer
compatibility with a primary-side regulated quasi-resonant second
stage, which is configurable for isolated and non-isolated
topologies. The digital CCT control system provides the ability to
program dimming profiles, such as constant CCT dimming and
black body line dimming. The CS1630/31 optimizes LED color
mixing by temperature compensating LED current with an
external NTC. The IC controller is also equipped with power line
calibration for remote system calibration and end-of-line
programming. The CS1630/31 provides a register lockout feature
for security against potential access to proprietary registers.
Applications
• Dimmable Retrofit LED Lamps and LED Luminaries
• High CRI Lighting
• Offline LED Drivers
• Commercial Lighting
Ordering Information
See page 55
.
D7
R13
NTC
Z2
BR1
BR1
AC
Mains
C7
L1
D2
BR1
BR1
D5
C8
R11
L2
D6
C2
R4
R8
R14
R6
R7
Q4
Q2
Z1
C4
CS1630 /31
IAC
SOURCE
FBAUX
BSTOUT
GND
SGND
13
16
5
4
CLAMP
GD
FBSENSE
eOTP
15
10
12
11
1
2
BSTAUX
C3
R2
D1
Q3
R10
3
R
S
CNTC
T1
R1
C1
R5
C6
D4
D3
C5
Q1
R9
R3
V
BS T
Vrect
14
VDD
R12
D9
C9
C11
C12
D11
D8
R15 D10
Q5
R16
C10
Z3
IGND
LED2+
LED 1+
LED 1-
LED2-
D
GND
_
Q
VCC
DEC’12
DS954F2


Similar Part No. - CS1631

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16322 LEDIL-CS16322 Datasheet
6Mb / 7P
~30째 spot beam. Variant made from PMMA.
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16324 LEDIL-CS16324 Datasheet
6Mb / 7P
~90째 wide beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
CS16329 LEDIL-CS16329 Datasheet
6Mb / 6P
~65째 medium beam. Variant made from PC.
More results

Similar Description - CS1631

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com