Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 25 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 25 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 21Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 22Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 23Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 24Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 25Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 26Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 27Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 28Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 29Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
AN30183A
Ver. AEB
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION
1. I2C-bus Interface
a.) Basic Rules
b.) START and STOP conditions
START condition
STOP condition
SDA
SCL
acknowledgement
signal from slave
acknowledgement
signal from receiver
START or
repeated START
condition
STOP or
repeated START
condition
SCL
SDA
MSB
ACK
ACK
12
7
8
9
1
2 3 – 8 9
Sr
or
P
Sr
P
S
or
Sr
This IC, I2C-bus, is designed to correspond to the
Standard-mode (100 kbps) and Fast-mode(400 kbps)
devices in the version 2.1 of NXP's specification.
However, it does not correspond to the HS-mode (to 3.4
Mbps). This IC will operate as a slave device in the I2C-
bus system. This IC will not operate as a master device.
The program operation check of this IC has not been
conducted on the multi-master bus system and the mix-
speed bus system, yet. The connected confirmation of
this IC to the CBUS receiver also has not been checked.
Please confirm with our company if the IC will be used in
these mode systems. The I2C is the brand of NXP.
A High to Low transition on the SDA line while SCL is
High is one such unique case. This situation indicates
START condition. A Low to High transition on the SDA
line while SCL is High defines STOP condition.
START and STOP conditions are always generated by
the master. After START condition occur, the bus will be
busy. The bus is considered to be free again a certain
time after the STOP condition.
Every byte put on the SDA line must be 8-bits long. The
number of bytes that can be transmitted per transfer is
unrestricted. Each byte has to be followed by an
acknowledge bit. Data is transferred with the most
significant bit (MSB) first.
d1.) When Sub address is not specified
d2.) When Sub address is specified
Ex) When writing data into address and reading data
from "01 h".
Sub-address should be assigned first.
Stop
Condition
Ack
Start
Condition
Write mode : 0
Data Byte
Sub Address
Slave Address
A
P
A
A
W
S
Stop
condition
Ack
Start
Condition
Read mode : 1
Data byte
Slave Address
P
A
A
R
S
Data Byte
Sub Address
01h
Slave
Address
AP
A
A
0
S
AP
Data Byte
Slave
Address
A
1
S
Write
Read
Stop
Condition
Acknowledge Bit
Start
Condition
Write Mode : 0
Repeated
Start
Condition
Read Mode : 1
Ack
Ack
Data Byte
Slave
Address
Sub
Address
Slave
Address
S
AP
A
A
1
A
0
S
d.) Data format
1
1
A6
6Fh
x
1
1
0
0
1
1
High
6Eh
Hex
1
A5
x
R/W
1
A1
0
A3
0
0
1
Low
A0
A2
A4
Pin ASEL
Slave Address
Write mode
Read mode
When data is read without assigning sub-address, it is
possible to read the value of sub-address specified in
Write mode immediately before.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com