Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
AN30183A
Ver. AEB
*2
μA
17
8
—
DDVBAT1 = VB = VIN2
= 3.7 V
DCDC1, LDO1 to 4 = OFF
RESET= “H”
IBAT_4
Static consumption current 2
Consumption current
*2
*3
V
—
—
0.1
×
VDVDD
—
VnL
Noise margin at the Low-level for
each connected device
I2C bus (Bus line specifications) (continued)
*2
*3
V
—
—
0.2
×
VDVDD
—
VnH
Noise margin at the High-level for
each connected device
*2
*3
pF
400
—
—
—
Cb
Capacitive load for each bus line
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
Notes)
*2 :Checked by design, not production tested.
*3 :The timing of Fast-mode devices in I2C-bus is specified as the following.
All values referred to V
IHmin and VILmax level.
S : START condition
Sr : Repeat START condition
P : STOP condition
SCL
SDA
tLOW
tf
tr
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tf
tSU;STA
tHD;STA
tSP
Sr
tSU;STO
tBUF
PS
tr
S
APPLICATION INFORMATION (Continued)
REFERENCE VALUES FOR DESIGN
VVBAT(DDVBAT1 = VB = VIN2) = 3.1V to 4.5V, DVDD = 1.85V , DC-DC : Co = 4.7 µF, Lo = 1 µH / LDO : Co =1.0 µF
Ta = 25 °C ± 2 °C unless otherwise noted.
Notes)
*2 :Checked by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com