Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MIPSZ2012D1R0 Datasheet HTML 1Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
AN30183A
Ver. AEB
ELECRTRICAL CHARACTERISTICS (Continued)
VVBAT(DDVBAT1 = VB = VIN2) = 3.7V, DVDD = 1.85V
DC-DC : Co = 4.7 µF, Lo = 1 µH / LDO : Co =1.0 µF
Ta = 25 °C ± 2 °C unless otherwise noted.
LDO1 – 4 ( Power Save Mode ) - (LDO Regulator)
—
mV
25
0
–25
VB = 3.1 V
→ 4.5 V
ILDO = – 5 mA
Vout = 1.85 V setting
VLDOLRPS
Line regulation
—
mV
50
20
–5
Δ ILDO = – 10 μA → –5 mA
DVLDOPS
Load regulation
—
mA
—
—
10
—
ILDOPS
Output current
—
V
1.897
1.850
1.803
ILDO = – 5 mA
Vout = 1.85 V setting
VLDOPS
Output voltage
—
mA
255
100
35
VB = 3.7 V
VLDO = 0 V
ISTLDO
Short-circuit current
—
mV
10
0
–10
VB = 3.1 V
→ 4.5 V
ILDO = – 150 mA
Vout = 1.85 V setting
VLDOLR
Line regulation
—
mV
50
20
–5
Δ ILDO = – 10 μA → – 150 mA
DVLDO
Load regulation
LDO1 – 4 ( Normal Mode ) - (LDO Regulator)
—
mA
—
—
300
—
ILDO
Output current
—
V
1.897
1.850
1.803
ILDO = – 150 mA
Vout = 1.85 V setting
VLDO
Output voltage
Limits
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com