Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 44 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 44 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 40Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 41Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 42Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 43Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 44Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 45Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 46Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 47Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 48Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
AN30183A
Ver. AEB
APPLICATION INFORMATION (Continued)
2.RECOMMENDED COMPONENT
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
GRM185B31A105KE35
Murata
1.0µF
1
CREF
1.0µF
1.0µF
1.0µF
1.0µF
1.0µF
4.7µF
1.0 µH
0.1µF
4.7µF
4.7µF
4.7µF
Value
1
1
1
1
1
1
1
1
1
1
1
QTY
GRM185B31A105KE35
Murata
COUT2
GRM185B31A105KE35
Murata
COUT3
GRM185B31A105KE35
Murata
COUT4
GRM185B31A105KE35
Murata
COUT1
GRM21BB31A475KA74
Murata
CDCDCOUT1
GRM188B11C104KA01
Murata
CD1
MIPSZ2012D1R0
FDK
L1
GRM21BB31C475KA87
Murata
VC2
GRM21BB31C475KA87
Murata
CV1
GRM21BB31C475KA87
Murata
C1
GRM185B31A105KE35
Murata
CVREG
Part Number
Manufacturer
Reference Designator
Figure : Recommended Component



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com