Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
AN30183A
Ver. AEB
DCDC1 input
Power Supply
DDVBAT1
C5
Input for LDO3 and LDO4
Power Supply
VIN2
A1
LDO3 output
Output
VLDO3
A2
LDO1 ON/OFF control
Input
LDO1ON
A3
LDO2 output
Output
VLDO2
A4
Input for LDO1, LDO2 and other VB
Power Supply
VB
A5
LDO4 output
Output
VLDO4
B1
Power supply for Logic
Power Supply
DVDD
B2
I2C slave address select
Input
ASEL
B3
Reference output
Output
VREG
B4
LDO1 output
Output
VLDO1
B5
Reference output
Output
REF
C1
Control to select power setting
Input
REGCNT
C2
GND
Ground
AGND
C3
DCDC1 voltage feedback
Input
FB1
C4
Reset input for Logic
Input
RESET
D1
I2C clock input
Input
SCL
D2
I2C data input/output
Input/Output
SDA
D3
GND
Ground
DDGND1
D4
DCDC1 switching
Output
LX1
D5
Description
Type
Pin name
Pin No.
PIN FUNCTIONS
PIN CONFIGURATION
TOP VIEW
LX1
DD
GND1
DD
VBAT1
FB1
AGND
VLDO1
VBAT2
SDA
VREG
SCL
REG
CNT
REF
ASEL
VLDO4
RESET
DVDD
VB
VLDO2
VBON
LDO1
ON
VLDO3
VIN2
A
B
C
D
54
32
1
Notes) Concerning detail about pin description, please refer to OPERATION and APPLICATION INFORMATION section.
VB
VLDO2
LDO1
ON
VLDO3
VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com