Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 16Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
AN30183A
Ver. AEB
DDGND1
LX1
DDVBAT1
LDO2
DVDD
SDA
ASEL
DCDC1
FB1
1.0 to 3.3 V / 300 mA(min)
LDO1
VB
SCL
RESET
REF
REF
LDO1ON
AGND
LDO4
1.0 to 3.3 V / 300 mA (min)
LDO3
VIN2
I2C
I/F
DVDD
DET
TSD
VB
VB
VB
DVDD
VB
→DVDD
DVDD
→VB
VREG
VREG
3M
Ω
3M
Ω
VLDO1
VLDO4
VLDO3
VLDO2
1.0 to 3.3 V / 300 mA (min)
1.0 to 3.3 V / 300 mA(min)
0.8 V to 2.4 V / 600 mA(min)
REGCNT
VB
→DVDD
3M
Ω
C3
B2
D3
D2
B3
D1
A3
C1
B4
D5
D4
C4
B5
C5
A4
A1
A5
B1
A2
C2
FUNCTIONAL BLOCK DIAGRAM
Notes)
• This application circuit is an example. The operation of mass production set is not guaranteed.
You should perform enough evaluation and verification on the design of mass production set.
You are fully responsible for the incorporation of the above application circuit and information
in the design of your equipment.
• This block diagram is for explaining functions. Part of the block diagram may be omitted, or it may be simplified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com