Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 42 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 42 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 38Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 39Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 40Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 41Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 42Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 43Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 44Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 45Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 46Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42
AN30183A
Ver. AEB
(1) Start up LDO1
(2) Start up LDO2/3/4 and DCDC1
LDO1
LDO1ON
VLDO*0.9
<100
μs
LDO2/3/4
REGCNT
VLDO*0.9
<100
μs
DCDC1
REGCNT
VOUT*0.9
<500
μs
LDO1
SDA
VLDO*0.9
<60
μs
LDO2/3/4
SDA
.
VLDO*0.9
<60
μs
DCDC1
SDA
VOUT*0.9
<500
μs
Start up by LDO1ON
Start up by I2C
Start up by REGCNT
Start up by I2C
Start up by REGCNT
Start up by I2C
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION ( Continued )
7. Start Up Timing from LDO1ON , REGCNT and I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com