Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 39 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 39 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 35Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 36Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 37Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 38Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 39Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 40Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 41Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 42Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 43Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
AN30183A
Ver. AEB
ADDRESS:04h
DATA:61h
00h
18h
05h
02h
05h
00h
00h
10h
05h
01h
05h
00h
00h
19h
00h
3Dh
05h
09h
05h
00h
00h
18h
05h
04h
00h
00h
01h
xxh
02h
xxh
03h
xxh
NM
NM
NM
NM
I2C
(External input signal)
VLDO3
(IC output signal)
REGCNT
(External input
signal)
VLDO2
(IC output signal)
Pin REGCNT stops
LDO2/3 are controlled
by REGCNT
Only LDO2 is controlled
by REGCNT
No REGCNT control
I2C starts
I2C stops
I2C stops
Pin REGCNT starts
Pin REGCNT starts
Pin REGCNT starts
I2C stops
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
4. Timing Chart (Sequence – 4 (LDO2/3 are controlled by REGCNT)) (continued)
OPERATION ( Continued )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com