Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 40 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 40 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 36Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 37Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 38Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 39Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 40Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 41Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 42Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 43Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 44Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
40
AN30183A
Ver. AEB
< Operation explanation >
(1) The Overcurrent protection operates
at about 1 A (Typ).
(2) The Ground protection sequence is implemented
when the output voltage decreases to about 70%
of the set voltage.
(3) The Ground short protection operates intermittently.
(2 ms : ON, 16 ms : OFF)
Output current [A]
Pendency characteristic
Ground short protection
about 70% of Vout
Intermittent operation area
Overcurrent protection (about 1 A)
about 150 mA
Operation explanation chart
6.
DAC voltage Accuracy
2.40
1.85
1.80
1.65
1.50
1.40
1.30
1.20 (Default)
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
Output voltage
[V]
±3.0
±3.0
±4.0
±3.0
±3.0
±4.0
±3.0
±2.5
±3.5
±4.0
±5.0
±6.0
±6.0
±6.5
±6.5
±8.5
Accuracy
[%]
0
0
1
1
1
0
1
1
VDC1[3:0]
0
0
0
0
1
0
0
0
0
1
0
0
1
1
0
0
0
0
1
0
1
0
1
0
0
1
1
0
1
1
1
0
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
1
0
1
1
1
1
1
1
1
D0
D1
D2
D3
DCDC1 (VBAT = 3.7 V , Iout = –300 mA)
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION ( Continued )
5. DC-DC Protection Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com