Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIPSZ2012D1R0 Datasheet HTML 1Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
AN30183A
Ver. AEB
600mA Synchronous DC-DC Step Down Regulator (1ch)
300mA LDO Regulator (4ch)
Multi Power Supply (High Efficiency Power LSI)
High-Speed Response DC-DC Step Down Regulator
Circuit that employs Hysteretic System
DC-DC Step Down Regulator : 1-ch
Input voltage Range VBAT :2.5V to 5.5V
DVDD : 1.7V to 3.0V
Output voltage Range 0.8 V to 2.4 V
Up to 600 mA Output Current
LDO Regulator : 4-ch
Input voltage Range VBAT :2.5V to 5.5V
DVDD : 1.7V to 3.0V
Output voltage Range 1.0 V to 3.3 V
Up to 300 mA Output Current
I2C control (2-slave address selectable)
20 pin Wafer Level Chip Size Package (WLCSP)
(Size : 1.56 mm
× 2.06 mm, 0.4 mm Pitch)
Mobile phone, Portable appliance, etc
SIMPLIFIED APPLICATION
APPLICATIONS
FEATURES
DESCRIPTION
AN30183A is a multi power supply LSI which has High-
Speed Response DC-DC Step Down Regulators (1-ch)
and LDO Regulators (4-ch).
By this DC-DC system, when load current charges
suddenly, it responds at high speed and minimizes the
changes of output voltage.
Since it is possible to use capacitors with small
capacitance and it is unnecessary to add external parts
for system phase compensation, this IC realizes
downsizing of set and reducing in the number of external
parts.
The output DC of each power supply is variable by I2C
control.
Notes) This application circuit is an example. The operation
of mass production set is not guaranteed. You should
perform enough evaluation and verification on the
design of mass production set. You are fully
responsible for the incorporation of the above
application circuit and information in the design of
your equipment.
Condition )
DDVBAT1 = DDVBAT2 = VB = VIN2 = 3.7V
Lo = 1.0 µH, Cout = 4.7 µF
DCDCOUT1
DDVBAT1
VIN2
VB
AN30183A
AGND
VREG
VLDO4
VLDO3
VLDO2
VLDO1
REF
LX1
FB1
DDGND1
DVDD
RESETLDO1ON
SDA
SCL
ASEL
1µF
1µF
1µF
1µF
1µF
1µF
1µH
4.7µF
4.7µF4.7µF
4.7µF
0.1µF
REGCNT
AN30183A DCDC1 Efficiency
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Load Current [mA]
Vout=0.8V
Vout=1.2V
Vout=1.8V
Vout=2.4V
EFFICIENCY CURVE
Publication date: October 2012


Similar Part No. - MIPSZ2012D1R0

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIPSZ2012D1R0 PANASONIC-MIPSZ2012D1R0 Datasheet
360Kb / 17P
VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
More results

Similar Description - MIPSZ2012D1R0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Panasonic Semiconductor
AN30182A PANASONIC-AN30182A Datasheet
803Kb / 44P
600mA Synchronous DC-DC Step Down Regulator (2ch) 300mA LDO Regulator (6ch) Multi Power Supply (High Efficiency Power LSI)
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com