Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 43 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 43 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 39Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 40Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 41Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 42Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 43Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 44Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 45Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 46Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 47Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
43
AN30183A
Ver. AEB
APPLICATION INFORMATION
1.Application Circuit and Evaluation Board
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
Figure : Top Layer with silk screen
( Top View ) with Evaluation Board
Figure : Bottom Layer with silk screen
( Bottom View ) with Evaluation Board
Figure : Application Circuit
Notes) This application circuit and layout is an example. The operation of mass production set is not guaranteed. You should perform
enough evaluation and verification on the design of mass production set. You are fully responsible for the incorporation of the
above application circuit and information in the design of your equipment.
DCDCOUT1
VIN2
VB
AN30183A
AGND
VREG
LDO4
LDO3
LDO2
LDO1
REF
LX1
FB1
DDGND1
RESET LDO1ON
SDA
SCL
ASEL
COUT3
COUT4
CVREG
CREF
COUT2
COUT1
L1
CDCDCOUT1
CV1
CV2
REGCNT
DDVBAT1
C1
DVDD
CD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com