Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 29 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 29 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 25Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 26Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 27Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 28Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 29Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 30Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 31Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 32Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 33Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29
AN30183A
Ver. AEB
1
0
0
VL1[3:0]
VL2[3:0]
Name
DAC2
R/W
02h
1
0
0
0
0
Default
Bit
R/W
Register
Name
Sub
Address
D5
D6
D7
Data
D0
D1
D2
D3
D4
3.30
3.00
2.85
2.80
2.70
2.60
1.85
1.80
1.70
1.60
1.50
1.40
1.30
1.20
1.10
1.00 (Default)
Output voltage
[V]
0
0
1
1
1
0
1
1
VL2[3:0]
0
0
0
0
1
0
0
0
0
1
0
0
1
1
0
0
0
0
1
0
1
0
1
0
0
1
1
0
1
1
1
0
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
1
0
1
1
1
1
1
1
1
D4
D5
D6
D7
3.30
3.00
2.85
2.80
2.70
1.90
1.85 (Default)
1.80
1.70
1.60
1.50
1.40
1.30
1.20
1.10
1.00
Output voltage
[V]
0
0
1
1
1
0
1
1
VL1[3:0]
0
0
0
0
1
0
0
0
0
1
0
0
1
1
0
0
0
0
1
0
1
0
1
0
0
1
1
0
1
1
1
0
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
1
0
1
1
1
1
1
1
1
D0
D1
D2
D3
D7-4 : LDO2 Register for output voltage setup
D3-0 : LDO1 Register for output voltage setup
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION ( Continued )
3. Register map details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com