Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 32 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 32 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 28Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 29Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 30Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 31Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 32Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 33Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 34Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 35Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 36Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
AN30183A
Ver. AEB
<REGCNT pin control – set up method>
(1) REGCNT Pin Control setup (excluding LDO1)
Initial setup
1) Select the LDO/DCDC to be controlled by REGCNT
(Address:04h Single Bit from D7-5, D3 should be set to “H”)
Set D0 to “H”
2) Set the LDO/DCDC Startup register mentioned above in ① to “H”
(To control LDO1 set Address:00h D2:LDO1ON to “H”)
Set the LDO to be controlled to Normal Mode (Address:05h Default)
Startup Control
3) LDO/DCDC selected in 1) above will startup when REGCNT is set to “H”
Power Save Mode for the LDO can be controlled by the I2C
When the Startup register mentioned in 2) above (Address:00h) is set to “L”, the LDO/DCDC will turn off.
4) The Startup for LDO/DCDC not selected in 1) can also be controlled by the I2C
5) To turn off the LDO mentioned in 1) above, set the REGCNT to “L”.
When the LDO is turned OFF in the Power Save Mode, reset Address:05h to Normal Mode before turning on
the LDO using the REGCNT pin.
Example Using the REGCNT pin to control LDO2 and LDO3
1) ADDRESS 04h:DATA 61h
2) ADDRESS 00h:DATA 18h
3) Set REGCNT pin “L” to “H” : LDO2,3 Startup
4) Use I2C to control the Output Voltage and Power Save Mode settings
5) To stop LDO2 and LDO3, Set REGCNT from “H” to “L”
(2) Control using the I2C only
Initial Setup
No special settings required after RESET
(ADDRESS 04h Bit D0 set to “L)
(Startup control)
The REGCNT pin should be set to “L” when using the I2C for LDO/DCDC Startup/Shutdown, Power Save Mode
and Output Voltage Setup.
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION ( Continued )
3. Register map details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com