Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 37 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 37 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 33Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 34Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 35Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 36Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 37Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 38Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 39Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 40Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 41Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
37
AN30183A
Ver. AEB
1.24 V
1.5 V
1.4 V
2.4 V
2.2 V
2.1 V
@ 150
μs
1.5 V
1.4 V
VBAT
(External input signal)
REF
(IC output signal)
VREG
(IC output signal)
REGW
(IC inner signal)
DVDD
DET
(IC inner signal)
RESET
(External input signal)
LDO1ON
(External input signal)
VLDO1
(IC output signal)
VLDO
2/3/4
(IC output signal)
DCDC1
(IC output signal)
OSC
(IC inner signal)
DVDD:VLDO1
(External input signal)
VLDO1 is connected directly with DVDD
I2C acceptance starts
I2C acceptance stops
DVDD_DET:High and RESET:High
= I2C acceptance ON
DVDD_DET:Low and RESET:Low
= I2C acceptance OFF
at DCDC-start
at LDO-start
Pin LDO1 stops
Pin LDO1 starts
I2C starts
I2C stops
I2C starts
I2C stops
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION ( Continued )
4. Timing Chart (Sequence – 3 (VLDO1 = connected DVDD))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com