Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 8 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 8 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 4Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 5Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 6Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 7Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 8Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 9Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 10Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 11Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
8
Agere Systems Inc.
Pin Information (continued)
Table 1. Pin Descriptions
28-Pin
PLCC
48-Pin
MLCC
Symbol
Type
Name/Function
143
NSTAT
O
Loop Closure Detector Output—Ring Trip Detector Output.
When low, this logic output indicates that an off-hook condition
exists or ringing is tripped or a ring ground has occurred.
245
VITR
O
Transmit ac Output Voltage. Output of internal AAC amplifier.
This output is a voltage that is directly proportional to the differ-
ential ac tip/ring current.
3
47
RCVP
I
Receive ac Signal Input (Noninverting). This high-impedance
input controls to ac differential voltage on tip and ring. This node
is a floating input.
4
48
RCVN
I
Receive ac Signal Input (Inverting). This high-impedance
input controls to ac differential voltage on tip and ring. This node
is a floating input.
5
1
RINGINN
I
Power Ring Signal Input. Couple to a sine wave or lower crest
factor low-voltage ring signal. The input here is amplified to pro-
vide the full power ring signal at tip and ring. This signal may be
applied continuously, even during nonringing states.
6
2
RINGINP
I
Power Ring Signal Input. Couple to a sine wave or lower crest
factor low-voltage ring signal. The input here is amplified to pro-
vide the full power ring signal at tip and ring. This signal may be
applied continuously, even during nonringing states.
7
6
DCOUT
O
dc Output Voltage. This output is a voltage that is directly pro-
portional to the absolute value of the differential tip/ring current.
This is used to set ring trip threshold.
88
CF2
—
Filter Capacitor. Connect a capacitor from this node to ground.
910
CF1
—
Filter Capacitor. Connect a capacitor from this node to CF2.
10
12
RTFLT
—
Ring Trip Filter. Connect this lead to DCOUT via a resistor and
to AGND with a capacitor to filter the ring trip circuit to prevent
spurious responses. A single-pole filter is needed.
11
13
VREF
O
SLIC Internal Reference Voltage. Output of internal 1.5 V ref-
erence voltage.
12
15
AGND
GND
Analog Signal Ground.
13
16
VCC
PWR
Analog Power Supply. User choice of 5 V or 3.3 V nominal
power or supply.
14
19
VBAT1
PWR
Battery Supply 1. High-voltage battery.
15
21
VBAT2
PWR
Battery Supply 2. Lower-voltage battery.
16
23
BGND
GND
Battery Ground. Ground return for the battery supplies.
17
3, 4, 5, 7, 9, 11,
14, 17, 18, 20,
22, 27, 29, 30,
32, 36, 37, 40,
42, 44, 46
NC
—
No Connection.
18
24
VPROG
I
Current-Limit Program Input. Connect ground to this pin to set
current limit to 25 mA; leave this pin open to set current limit to
40 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com