Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 14 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 14 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 10Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 11Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 13Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 14Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 15Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 16Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 17Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 18Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
14
Agere Systems Inc.
Electrical Characteristics (continued)
Table 11. 2-Wire Port
Parameter
Min
Typ
Max
Unit
Tip or Ring Drive Current = dc + Longitudinal + Signal Currents
105
——
mAp
Tip or Ring Drive Current = Ringing + Longitudinal
65
—
—
mAp
Signal Current
10
—
—
mArms
Longitudinal Current Capability per Wire (Longitudinal current is indepen-
dent of dc loop current.)
8.5
15
—
mArms
Ringing Current (RLOAD = 1386
Ω + 40 µF)
29
—
—
mArms
Ringing Current Limit (RLOAD = 100
Ω)—
—
50
mAp
dc Loop Current—ILIM (VBAT2 applied, RLOOP = 100
Ω):
VPROG = 0
VPROG = Open
—
—
25
40
—
—
mA
mA
dc Current Variation
—
—
±8
%
dc Feed Resistance (does not include protection resistors)
—
50
—
Ω
Open Loop Voltages:
Scan Mode:
|VBAT1| > 51 V |VTIP| – |VRING|
PR to Battery Ground
PT to Battery Ground
OHT Mode:
|VBAT1| > 51 V |VTIP| – |VRING|
PR to Battery Ground
PT to Battery Ground
Active Mode:
|PT – PR| – |VBAT2|
Ring Mode:
|PT – PR| – |VBAT1|
44
—
—
41
—
—
5.75
—
51
—
—
49
—
—
6.25
4
—
56.5
56.5
—
56.5
56.5
7.75
—
V
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com