Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 24 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 24 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 20Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 21Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 22Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 23Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 24Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 25Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 26Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 27Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 28Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
24
Agere Systems Inc.
Applications (continued)
Power Ring
The device offers a ring mode, in which a balanced
power ring signal is provided to the tip/ring pair. During
the ring mode, a user-supplied low-voltage ring signal
is input to the device’s RINGIN input. This signal is
amplified to produce the balanced power ring signal.
The user may supply a sine wave input, PWM input, or
a square wave to produce sinusoidal or trapezoidal
ringing at tip and ring.
Various crest factors are shown below for illustrative
purposes.
12-3346a (F)
Note: Slew rate = 5.65 V/ms; trise = tfall = 23 ms; pwidth = 2 ms;
period = 50 ms.
Figure 9. Ringing Waveform Crest Factor = 1.6
12-3347a (F)
Note: Slew rate = 10.83 V/ms; trise = tfall = 12 ms; pwidth = 13 ms;
period = 50 ms.
Figure 10. Ringing Waveform Crest Factor = 1.2
Sine Wave Input Signal and Sine Wave Power Ring
Signal Output
The low-voltage sine wave input is applied differentially
or single ended to the L9500 at pins RINGINP and
RINGINN. During the ring mode, the signals at pins
RINGINP and RINGINN are amplified and presented to
the subscriber loop. The differential gain from RINGIN
to tip and ring is a nominal 70.
When the device enters the ring mode, the tip/ring
overhead set at OVH and the scan clamp circuit are
disabled, allowing the voltage magnitude of the power
ring signal to be maximized. Additionally, in the ring
mode, the loop current limit is increased 2.5X the value
set by the VPROG voltage.
The magnitude of the power ring voltage will be a func-
tion of the gain of the ring amplifier, the high-voltage
battery, and the input signal at RINGIN. The input range
of the signal at RINGIN is 0 V to Vcc. As the input volt-
age at RINGIN is increased, the magnitude of the power
ring voltage at tip and ring will increase linearly, per the
gain of 70, until the tip and ring drive amplifiers begin to
saturate. Once the tip and ring amplifiers reach satura-
tion, further increases of the input signal will cause clip-
ping distortion of the power ring signal at tip and ring.
The ring signal will appear balanced on tip and ring.
That is, the power ring signal is applied to both tip and
ring, with the signal on tip 180
° out of phase from the
signal on ring.
It is recommended that the input level at RINGIN be
adjusted so that the power ring signal at tip and ring is
just at the edge or slightly clipping. This gives maxi-
mum power transfer with minimal distortion of the sine
wave. The tip side will saturate at a nominal 1 V above
ground. The ring side will saturate at a nominal 3 V
above battery. The input circuit for a sine wave along
with waveforms to illustrate the tip and ring saturation
is shown in Figure 9.
The point at which clipping of the power ring signal
begins at tip and ring is a function of the battery volt-
age, the input capacitor at RINGIN, and the input signal
at RINGIN and Vcc. During nonring modes, the sinusoi-
dal ringing waveform may be left on at RINGIN. Via the
state table, the ring signal will be removed from tip and
ring even if the low-voltage input is still present at
RINGIN.
TIME (s)
–80
–60
–40
–20
0
20
40
60
80
0.00
0.02 0.06
0.04 0.08
0.10
0.12
0.14
0.16
0.18
0.20
TIME (s)
–80
–60
–40
–20
0
20
40
60
80
0.00
0.02 0.06
0.04 0.08
0.10
0.12
0.14
0.16
0.18
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com