Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 18 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 18 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 14Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 15Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 16Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 17Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 18Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 19Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 20Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 21Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 22Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
18
Agere Systems Inc.
Electrical Characteristics (continued)
Table 17. Ringing Specifications
Table 18. Ring Trip
Ringing will not be tripped by the following loads:
s
10 k
Ω resistor in parallel with a 6 µF capacitor applied across tip and ring. Ring frequency = 17 Hz to 23 Hz.
s
100
Ω resistor in series with a 2 µF capacitor applied across tip and ring. Ring frequency = 17 Hz to 23 Hz.
Parameter
Min
Typ
Max
Unit
RINGINN/P:
Input Voltage Swing
Input Impedance
0
—
—
100
VCC
—
V
k
Ω
Ring Signal Isolation:
PT/PR to VTX
Ring Mode
—60
—
dB
Ring Signal Isolation:
RINGIN to PT/PR
Nonring Mode
—80
—
dB
Ring Signal Distortion:
5 REN 1380
Ω, 40 µF Load, 100 Ω Loop
—
3
—
%
Differential Gain:
RINGINN/P to PT/PR—VRINGINN/P = 0.7 Vp, VBAT1 = –70 V, RLOAD = 1400
Ω
115
128
140
—
Parameter
Min
Typ
Max
Unit
Ring Trip (NSTAT = 0):
Loop Resistance (total) VBAT1 applied
100
—
600
Ω
Ring Trip (NSTAT = 1):
Loop Resistance (total) VBAT1 applied
—
—
10
k
Ω
Trip Time (f = 20 Hz)
—
—
100
ms
Hysteresis
—
7
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com