Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 10 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 10 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 6Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 7Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 8Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 9Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 10Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 11Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 13Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
10
Agere Systems Inc.
State Definitions
Forward Active
s
Pin PT is positive with respect to PR.
s
VBAT2 is applied to tip/ring drive amplifiers.
s
Loop closure and common-mode detect are active.
s
Ring trip detector is turned off to conserve power.
s
Overhead is set to nominal 6.0 V for undistorted
transmission of 3.14 dBm into 900
Ω.
Reverse Active
s
Pin PR is positive with respect to PT.
s
VBAT2 is applied to tip/ring drive amplifiers.
s
Loop closure and common-mode detect are active.
s
Ring trip detector is turned off to conserve power.
s
Overhead is set to nominal 6.0 V for undistorted
transmission of 3.14 dBm into 900
Ω.
Scan
s
Except for loop closure, all circuits (including ring trip
and common-mode detector) are powered down.
s
On-hook transmission is disabled.
s
Pin PT is positive with respect to PR, and VBAT1 is
applied to tip/ring.
s
The tip to ring on-hook differential voltage will be typ-
ically between –44 V and –51 V with a –70 V primary
battery.
On-Hook Transmission
—Forward Battery
s
Pin PT is positive with respect to PR.
s
VBAT1 is applied to tip/ring drive amplifiers.
s
Supervision circuits, loop closure, and common-
mode detect are active.
s
Ring trip detector is turned off to conserve power.
s
On-hook transmission is allowed.
s
The tip-to-ring on-hook differential voltage will be typ-
ically between –41 V and –49 V with a –70 V primary
battery.
On-Hook Transmission
—Reverse Battery
s
Pin PR is positive with respect to PT.
s
VBAT1 is applied to tip/ring drive amplifiers.
s
Supervision circuits, loop closure, and common-
mode detect are active.
s
Ring trip detector is turned off to conserve power.
s
On-hook transmission is allowed.
s
The tip-to-ring on-hook differential voltage will be typ-
ically between –41 V and –49 V with a –70 V primary
battery.
Disconnect
s
The tip/ring amplifiers and all supervision are turned
off.
s
The SLIC goes into a high-impedance state.
s
NSTAT is forced high (on-hook).
s
Device will power up in this state.
Ring
s
Power ring signal is applied to tip and ring.
s
Input waveform at RINGIN is amplified.
s
Ring trip supervision and common-mode current
supervision are active; loop closure is inactive.
s
Overhead voltage is reduced to typically 4 V.
s
Current is limited by saturation current of the amplifi-
ers themselves, typically 100 mA at 125 °C.
Ground Start
s
Tip drive amplifer is turned off.
s
Device presents a high impedance (>100 k
Ω) to pin
PT.
s
Device presents a clamped (<56.5 V) current-limited
battery (VBAT1) to PR.
s
Output pin RGDET indicates current flowing in the
ring lead.
Thermal Shutdown
s
Not controlled via truth table inputs.
s
This mode is caused by excessive heating of the
device, such as may be encountered in an extended
power-cross situation. NSTAT output is forced low or
off hook during a thermal shutdown event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com