Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 15 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 15 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 11Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 13Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 14Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 15Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 16Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 17Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 18Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 19Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
15
Electrical Characteristics (continued)
Table 11. 2-Wire Port (continued)
Table 12. Analog Pin Characteristics
Parameter
Min
Typ
Max
Unit
Loop Closure Threshold:
Active/On-hook Transmission Modes
Scan Mode
—
—
10.5
11.5
—
—
mA
mA
Loop Closure Threshold Hysteresis:
VCC = 5 V
VCC = 3.3 V
—
—
2
2
—
—
mA
mA
Longitudinal to Metallic Balance at PT/PR
Test Method: Q552 (11/96) Section 2.1.2 and
IEEE® 455:
300 Hz to 600 Hz
600 Hz to 3.4 kHz
52
52
—
—
—
—
dB
dB
Metallic to Longitudinal (harm) Balance:
200 Hz to 1000 Hz
100 Hz to 4000 Hz
40
40
—
—
—
—
dB
dB
PSRR 500 Hz—3000 Hz:
VBAT1, VBAT2
VCC (5 V operation)
45
35
—
—
—
—
dB
dB
Parameter
Min
Typ
Max
Unit
TXI (input impedance)
—
100
—
k
Ω
Output Offset (VTX)
Output Offset (VITR)
Output Drive Current (VTX)
Output Drive Current (VITR)
Output Voltage Swing:
Maximum (VTX, VITR)
Minimum (VTX)
Minimum (VITR)
Output Short-circuit Current
Output Load Resistance
Output Load Capacitance
—
—
±300
±10
AGND
AGND + 0.25
AGND + 0.35
—
10
—
—
—
—
—
—
—
—
—
—
20
±10
100
—
—
VCC
VCC – 0.5
VCC – 0.4
±50
—
—
mV
mV
µA
µA
V
V
V
mA
k
Ω
pF
RCVN and RCVP:
Input Voltage Range (VCC = 5 V)
Input Voltage Range (VCC = 3.3 V)
Input Bias Current
0
0
—
—
—
0.05
VCC – 0.5
VCC – 0.3
—
V
V
µA
Differential PT/PR Current Sense (DCOUT):
Gain (PT/PR to DCOUT)
Offset Voltage at ILOOP = 0
—
–10
67
—
—
10
V/A
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com