Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 25 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 25 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 21Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 22Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 23Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 24Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 25Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 26Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 27Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 28Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
25
Applications (continued)
Figure 11. RINGIN Operation
ac Applications
ac Parameters
There are four key ac design parameters. Termination impedance is the impedance looking into the 2-wire port of
the line card. It is set to match the impedance of the telephone loop in order to minimize echo return to the tele-
phone set. Transmit gain is measured from the 2-wire port to the PCM highway, while receive gain is done from
the PCM highway to the transmit port. Transmit and receive gains may be specified in terms of an actual gain, or in
terms of a transmission level point (TLP), that is the actual ac transmission level in dBm. Finally, the hybrid bal-
ance network cancels the unwanted amount of the receive signal that appears at the CODEC input.
GND
VBAT
PT
+1
PR
35x
RINGINP
L9500
VTIP
VRING
–1
3.0 V
1.0 V
VBAT = –75 V
71 V
RINGINN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com