Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 13 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 13 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 9Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 10Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 11Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 13Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 14Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 15Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 16Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
13
Electrical Characteristics (continued)
Table 9. 3.3 V Supply Currents
VBAT1 = –70 V, VBAT2 = –21 V, VCC = 3.3 V.
Table 10. 3.3 V Powering
VBAT1 = –70 V, VBAT2 = –21 V, VCC = 3.3 V.
Parameter
Min
Typ
Max
Unit
Supply Currents (scan state; no loop current):
IVCC
IVBAT1
IVBAT2
—
—
—
3.2
0.24
3
3.6
0.35
6
mA
mA
µA
Supply Currents (forward/reverse active; no loop current, VBAT2 applied):
IVCC
IVBAT1
IVBAT2
—
—
—
4.8
25
1.2
5.7
85
1.4
mA
µA
mA
Supply Currents (on-hook transmission mode; no loop current, VBAT1 applied):
IVCC
IVBAT1
IVBAT2
—
—
—
4.9
1.5
1.5
5.7
1.9
6
mA
mA
µA
Supply Currents (disconnect mode):
IVCC
IVBAT1
IVBAT2
—
—
—
1.8
8
2
2.5
110
25
mA
µA
µA
Supply Currents (ground start mode, no loop current):
IVCC
IVBAT1
IVBAT2
—
—
—
3.1
0.24
2
—
—
—
mA
mA
µA
Supply Currents (ring mode; no load):
IVCC
IVBAT1
IVBAT2
—
—
—
4.70
1.8
2
5.4
2.2
6
mA
mA
µA
Parameter
Min
Typ
Max
Unit
Power Dissipation (scan state; no loop current)
—
27
36.5
mW
Power Dissipation (forward/reverse active; no loop current, VBAT2 applied)
—
42
53
mW
Power Dissipation (on-hook transmission mode; no loop current, VBAT1 applied)
—
121
151
mW
Power Dissipation (disconnect mode)
—
6.5
15
mW
Power Dissipation (ground start mode)
—
27
—
mW
Power Dissipation (ring mode; no loop current)
—
141
172
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com