Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 9 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 9 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 5Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 6Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 7Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 8Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 9Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 10Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 11Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
9
Pin Information (continued)
Table 1. Pin Descriptions (continued)
Operating States
Table 2. Control States
Table 3. Supervision Coding
28-Pin
PLCC
48-Pin
MLCC
Symbol
Type
Name/Function
19
25
FB2
—
Polarity Reversal Slowdown Capacitor. Connect a capacitor
from this node for controlling rate of battery reversal. If ramped bat-
tery reversal is not desired, this pin is left open.
20
26
FB1
—
Polarity Reversal Slowdown Capacitor. Connect a capacitor
from this node for controlling rate of battery reversal. If ramped bat-
tery reversal is not desired, this pin is left open.
21
28
PT
I/O
Protected Tip. The output drive of the tip amplifier and input to the
loop sensing circuit. Connect to loop through overvoltage and
overcurrent protection.
22
31
PR
I/O
Protected Ring. The output drive of the ring amplifier and input to
the loop sensing circuit. Connect to loop through overvoltage and
overcurrent protection.
23
33
B2
Iu
State Control Input. These pins have an internal 100 k
Ω pull-up.
24
34
B1
Iu
State Control Input. These pins have an internal 100 k
Ω pull-up.
25
35
B0
Iu
State Control Input. These pins have an internal 100 k
Ω pull-up.
26
38
ITR
I
Transmit Gain. Input to AX amplifier. Connect a 4.75 k
Ω resistor
from this node to VTX to set transmit gain. Gain shaping for termi-
nation impedance with a first generation codec is also achieved
with a network from this node to VTX.
27
39
VTX
O
ac Output Voltage. Output of internal AX amplifier. The voltage at
this pin is directly proportional to the differential tip/ring current.
28
41
TXI
I
ac/dc Separation. Input to internal AAC amplifier. Connect a
0.1
µF capacitor from this pin to VTX.
B0
B1
B2
State
0
0
1
Forward active
0
1
1
Reverse active
0
0
0
On-hook transmission forward battery
0
1
0
On-hook transmission reverse battery
1
1
0
Ground start
10
0
Scan
1
1
1
Disconnect—device will power up in this state
10
1
Ring
NSTAT
0 = off-hook or ring trip or thermal shutdown or ring ground.
1 = on-hook and no ring trip and no thermal shutdown and no ring ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com