Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 1 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 1 Page - Agere Systems

  LUCL9500AGF-DT Datasheet HTML 1Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 2Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 3Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 4Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 5Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 6Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 7Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 8Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Data Sheet
September 2001
L9500A
High-Voltage Ringing SLIC for VoIP Applications
L9500A Introduction
The Agere Systems Inc. L9500A is a subscriber line
interface circuit that is optimized for short-loop,
power-sensitive applications. This device provides
the complete set of line interface functionality (includ-
ing power ringing) needed to interface to a subscriber
loop. This device has the capability to operate with a
VCC supply of 3.3 V or 5 V and is designed to mini-
mize external components required at all device
interfaces. This device is optimized to interface to
data over cable service interface specification (DOC-
SIS) compliant cable modem gateway, multi-media
adaptor, and residential gateway products, such as
the
Broadcom® BCM3351, BCM3352, BCM6352,
and BCM1101 and equivalent products.
Features
s
Differential ringing and codec interface
s
Onboard ringing generation
s
Three ringing input options:
— Sine wave
— PWM
— Logic level square wave
s
Flexible VCC options:
— 5 V or 3.3 V VCC
— No –5 V required
s
Battery switch to minimize off-hook power
s
Eight operating states:
— Scan mode for minimal power dissipation
— Forward and reverse battery active
— On-hook transmission states
— Ground start
— Ring mode
— Disconnect mode
s
Ultralow on-hook power:
— 27 mW scan mode
— 38 mW active mode
s
Loop start, ring trip, and ground start detection
s
Software-controllable dual current limit option
s
28-pin PLCC package
s
48-pin MLCC package
Applications
s
Interface to
Broadcom:
— BCM3351 Cable Modem
— BCM3352 Cable Modem
— BCM6352 Integrated Multi-Media Adaptor
— BCM1101 Residential Gateway
s
Cable Modem
s
Voice over Internet Protocol (VoIP)
s
Voice over DSL
s
Remote Subscriber Units
s
Broadband Wireless
s
Short Loop Access
Description
This device is optimized to provide battery feed, ring-
ing, and supervision on short-loop plain old tele-
phone service (POTS) loops.
This device provides power ring to the subscriber
loop through amplification of a low-voltage input. It
provides forward and reverse battery feed states, on-
hook transmission, a low-power scan state, ground
start (tip open), and a forward disconnect state.
The device requires a VCC and battery to operate.
VCC may be either a 5 V or a 3.3 V supply. The ring-
ing signal is derived from the high-voltage battery. A
battery switch is included to allow for use of a lower-
voltage battery in the off-hook mode, thus minimizing
short-loop off-hook power.
Ring mode overhead is collapsed, allowing rail-to-rail
operation. In this manner, the L9500 can operate
from a lower 75 V battery to minimize critical power
consumption and at the same time extend subscriber
ringing loop lengths to 500
Ω and beyond.
Loop closure, ring trip, and ground start detection is
available. The loop closure detector has a fixed
threshold with hysteresis. The ring trip detector
requires a single-pole filter, thus minimizing external
components required.
The dc current limit is set and fixed by a logic-control-
lable pin. Ground or open applied to this pin sets the
current limit at the low or high value.
The device is offered with differential ringing and
receive input, making it ideal for direct interface to
DOCSIS compliant cable modem gateway products.


Similar Part No. - LUCL9500AGF-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
More results

Similar Description - LUCL9500AGF-DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Nov-2001
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Jan-2006
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
274Kb / 9P
High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
TISP6NTP2C High Voltage Ringing SLIC Protector
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
TISP6NTP2C High Voltage Ringing SLIC Protector
logo
Will Semiconductor Ltd.
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
High Voltage Ringing SLIC Protector
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
High Voltage Ringing SLIC Protector
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
P61089B High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com