Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 4 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 4 Page - Agere Systems

  LUCL9500AGF-DT Datasheet HTML 1Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 2Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 3Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 4Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 5Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 6Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 7Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 8Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
4
Agere Systems Inc.
Features
s
On board balanced ringing generation:
— No ring relay
— No bulk ring generator required
— 15 Hz to 70 Hz ring frequency supported
— Sine wave input-sine wave output
— PWM input-sine wave output
— Square wave input-trapezoidal output
s
Power supplies requirements:
— VCC talk battery and ringing battery required
— No –5 V supply required
— No high-voltage positive supply required
s
Flexible Vcc options:
— 5 V or 3.3 V VCC operation
— 5 V or 3.3 V VCC interchangeable and transparent
to users
s
Battery switch via logic control:
— Minimize off-hook power dissipation
s
Minimal external components required
s
Eight operating states:
— Forward active, VBAT2 applied
— Polarity reversal active, VBAT2 applied
— On-hook transmission, VBAT1 applied
— On-hook transmission polarity reversal, VBAT1
applied
— Ground start
— Scan
— Forward disconnect
— Ring mode
s
Unlatched parallel data control interface
s
Ultralow SLIC power:
— Scan 38 mW (VCC = 5 V)
— Forward/reverse active 54 mW (VCC = 5 V)
— Scan 27 mW (VCC = 3.3 V)
— Forward/reverse active 41 mW (VCC = 3.3 V)
s
Supervision:
— Loop start, fixed threshold with hysteresis
— Ring trip, single-pole ring trip filtering, fixed thresh-
old as a function of battery voltage
— Ground start fixed threshold with hysteresis
s
Adjustable current limit:
— 25 mA or 40 mA via ground or open to control
input
s
Overhead voltage:
— Clamped typically <51 V differentially
— Clamped maximum <56.5 V single-ended
s
Thermal shutdown protection with hysteresis
s
Device interfaces:
— Differential receive interface
— Singled-ended transmit interface
— Differential ring input
s
Package options:
— 28-pin PLCC
— 48-pin MLCC
s
90 V CBIC-S technology
Description
The L9500 is designed to provide battery feed, ringing,
and supervision functions on short plain old telephone
service (POTS) loops. This device is designed for
ultralow power in all operating states.
The L9500 offers 8 operating states. The device
assumes use of a lower-voltage talk battery, a higher-
voltage ringing battery, and a VCC supply.
The L9500 requires only a positive VCC supply. No
–5 V supply is needed. The L9500 can operate with a
VCC of either 5 V or 3.3 V, allowing for greater user flex-
ibility. The choice of VCC voltage is transparent to the
user; the device will function with either supply voltage
connected.
Two batteries are used:
1. A high-voltage ring battery (VBAT1).
VBAT1 is a maximum –75 V. VBAT1 is used for power
ring signal amplification and for scan, on-hook
transmission, and ground start modes. This supply
is current limited to approximately the maximum
power ringing current, typically 50 mA.
2. A lower-voltage talk battery (VBAT2).
VBAT2 is used for active mode powering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com