Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 27 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 27 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 23Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 24Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 25Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 26Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 27Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 28Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 29Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 30Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 31Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
27
ac Applications (continued)
Design Examples (continued)
Table 21. Parts List L9500; Agere L9500 and
Broadcom BCM3352 (per Broadcom BCM93552SV Application
Board—SLIC Daughter Boad Components); Fully Programmable
Name
Value
Tolerance
Rating
Function
Fault Protection
RPT
50
Ω
1%
Fusible or PTC Protection resistor.
RPR
50
Ω
1%
Fusible or PTC Protection resistor.
Protector
Agere L7591
—
—
Secondary protection.
Power Supply
CBAT1
0.1
µF
20%
100 V
VBAT filter capacitor.
CBAT2
0.1
µF
20%
50 V
VBAT filter capacitor. |VBAT2| < |VBAT1|.
DBAT1
1N4004
—
—
Reverse current.
CCC
0.47
µF
20%
10 V
Ceramic bypass capacitor.
Ferrite
Bead
600
Ω, Murata®
BLM11A601SPB
—
—
Filtering.
CF1
0.22
µF
20%
100 V
Filter capacitor.
CF2
0.1
µF
20%
100 V
Filter capacitor.
Ring Trip
CRT
0.1
µF
20%
10 V
Ring trip filter capacitor.
RRT
383 k
Ω
1%
1/16 W
Ring trip filter resistor.
ac Interface
RGX
4750
Ω
1%
1/16 W
Sets T/R to VITR transconductance.
CTX
0.47
µF
20%
10 V
ac/dc separation.
CC1
0.1
µF
20%
10 V
dc blocking capacitor.
R4
78.7 k
Ω
1%
1/16 W
ac interface.
R5
174 k
Ω
1%
1/16 W
ac interface.
R6
88.7 k
Ω
1%
1/16 W
ac interface.
R7
54.9 k
Ω
1%
1/16 W
ac interface.
R8
88.7 k
Ω
1%
1/16 W
ac interface.
RDET
10 k
Ω
1%
1/16 W
Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com