Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 26 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 26 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 22Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 23Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 24Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 25Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 26Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 27Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 28Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 29Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 30Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
26
Agere Systems Inc.
ac Applications (continued)
Design Examples
Broadcom 3352 Interface Network
The following reference circuit shows the complete SLIC schematic for interface to the
Broadcom BCM3352 as
designed on the
Broadcom BCM93352SV application reference design and board.
Figure 12. Reference Schematic with
Broadcom BCM Embedded Codec Devices and Agere L9500 SLIC
VBAT1
BGND
VBAT2
AGND
VCC
CBAT1
0.1
µF
CBAT2
0.1
µF
CCC
0.1
µF
RTFLT
DCOUT
PR
PT
TXI
ITR
CRT
0.1
µF
RRT
383
k
Ω
AGERE
L7591
VBAT1
FUSIBLE OR PTC
50
Ω
50
Ω
CF1
CF2
NSTAT B2
B1
B0
CF1
0.22
µF
CF2
0.1
µF
VREF
RCVN
VITR
RCVP
VBAT1
DBAT1
VBAT2
C9
D2
CMLEVEL
VRXP
L9500
FUSIBLE OR PTC
BROADCOM
VPROG
CTX
RGX
4750
Ω
VTX
0.47
µF
D0
DET
D1
RINGINP
RINGINN
C9
68 nF
C10
68 nF
C3
3.3 nF
C2
3.3 nF
VRXN
RINGREFP
RINGREFN
R4
78.7 k
Ω
R7
54.9 k
Ω
FERRITE BEAD
600
Ω
VDDCORE
VDDI/O
R3
VCC = 3.3 V
VCM
C4
VREF_IO
C5
150 pF
R1
20 k
Ω
0.1
µF
CC1
C1
3.3 nF
VTXN
VTXP
BCM3351
R2
20 k
Ω
C6
150 pF
C7
150 pF
R5
174 k
Ω
R6
88.7 k
Ω
R8
88.7 k
Ω
RDET
10 k
Ω
VCC
BCM3352
BCM6352
BCM1101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com