Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUCL9500AGF-DT Datasheet(PDF) 16 Page - Agere Systems

Part # LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Datasheet(HTML) 16 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 12Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 13Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 14Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 15Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 16Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 17Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 18Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 19Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 20Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
16
Agere Systems Inc.
Electrical Characteristics (continued)
Table 13. ac Feed Characteristics
1. Set externally either by discrete external components or a third- or fourth-generation codec. Any complex impedance R1 + R2 || C between
150
Ω and 1400 Ω can be synthesized.
2. This parameter is not tested in production. It is guaranteed by design and device characterization.
3. VITR transconductance depends on the resistor from ITR to VITR. This gain assumes an ideal 4750
Ω, the recommended value. Positive cur-
rent is defined as the differential current flowing from PT to PR.
Parameter
Min
Typ
Max
Unit
ac Termination Impedance1
150
600
1400
Ω
Total Harmonic Distortion (200 Hz—4 kHz)2:
Off-hook
On-hook
—
—
—
—
0.3
1.0
%
%
Transmit Gain (f = 1004 Hz, 1020 Hz)3:
PT/PR Current to VITR
300 – 3%
300
300 + 3%
V/A
Receive Gain, f = 1004 Hz, 1020 Hz Open Loop
RCVP or RCVN to PT—PR
7.76
8
8.24
—
Gain vs. Frequency (transmit and receive)2 600
Ω Termination,
1004 Hz, 1020 Hz reference:
200 Hz—300 Hz
300 Hz—3.4 kHz
3.4 kHz—20 kHz
20 kHz—266 kHz
–0.3
–0.05
–3.0
—
0
0
0
—
0.05
0.05
0.05
2.0
dB
dB
dB
dB
Gain vs. Level (transmit and receive)2 0 dBV Reference:
–55 dB to +3.0 dB
–0.05
0
0.05
dB
Idle-channel Noise (tip/ring) 600
Ω Termination:
Psophometric
C-Message
3 kHz Flat
—
—
—
–82
8
—
–77
13
20
dBmp
dBrnC
dBrn
Idle-channel Noise (VTX) 600
Ω Termination:
Psophometric
C-Message
3 kHz Flat
—
—
—
–82
8
—
–77
13
20
dBmp
dBrnC
dBrn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com