Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 135 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 131Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 132Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 133Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 134Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 135Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 136Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 137Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 138Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
135
Timing Characteristics (continued)
1.The input buffers contain a programmable delay to allow the hold time vs. the external clock pin to be equal to 0.
Table 33B. OR2TxxB Sequential PFU Timing Characteristics
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤
+85 °C.
Parameter
Symbol
Speed
Unit
-7
-8
Min
Max
Min
Max
Input Requirements
Clock Low Time
TCL
1.7
—
1.4
—
ns
Clock High Time
TCH
1.7
—
1.4
—
ns
Global S/R Pulse Width (GSRN)
TRW
1.7
—
1.4
—
ns
Local S/R Pulse Width
TPW
1.7
—
1.4
—
ns
Combinatorial Setup Times (TJ = 85 °C,
VDD = min):
Four Input Variables to Clock
(A[4:0], B[4:0] to CK)
Five Input Variables to Clock
(A[4:0], B[4:0] to CK)
PFUMUX to Clock (A[4:0], B[4:0] to CK)
PFUMUX to Clock (C0 to CK)
PFUNAND to Clock (A[4:0], B[4:0] to CK)
PFUNAND to Clock (C0 to CK)
PFUXOR to Clock (A[4:0], B[4:0] to CK)
PFUXOR to Clock (C0 to CK)
Data In to Clock (WD[3:0] to CK)
Clock Enable to Clock (CE to CK)
Local Set/Reset (synchronous) (LSR to CK)
Data Select to Clock (SEL to CK)
Pad Direct In
F4*_SET
F5*_SET
MUX_SET
C0MUX_SET
ND_SET
C0ND_SET
XOR_SET
C0XOR_SET
D*_SET
CKEN_SET
LSR_SET
SELECT_SET
PDIN_SET
1.0
1.0
1.3
1.1
1.0
0.8
1.3
1.1
0.2
1.0
1.0
1.0
0.0
—
—
—
—
—
—
—
—
—
—
—
—
—
0.8
0.8
1.3
0.8
0.8
0.7
1.3
0.8
0.1
0.8
0.8
0.8
0.0
—
—
—
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Combinatorial Hold Times (TJ = all, VDD = all):
Data In (WD[3:0] from CK)
Clock Enable (CE from CK)
Local Set/Reset (synchronous) (LSR from CK)
Data Select (SEL from CK)
Pad Direct In Hold (DIA[3:0], DIB[3:0] to CK)1
All Others
D*_HLD
CKEN_HLD
LSR_HLD
SELECT_HLD
PDIN_HLD
—
0.0
0.0
0.0
0.0
0.1
0.0
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.1
0.0
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
Output Characteristics
Sequential Delays (TJ = 85 °C, VDD = min):
Local S/R (async) to PFU Out (LSR to Q[3:0])
Global S/R to PFU Out (GSRN to Q[3:0])
Clock to PFU Out (CK to Q[3:0])—Register
Clock to PFU Out (CK to Q[3:0])—Latch
Transparent Latch (WD[3:0] to Q[3:0])
LSR_DEL
GSR_DEL
REG_DEL
LTCH_DEL
LTCH_DDEL
2.2
1.4
1.0
1.0
1.7
—
—
—
—
—
1.8
1.0
1.0
1.0
1.4
—
—
—
—
—
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com