Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 136 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 136 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 132Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 133Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 134Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 135Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 136Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 137Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 138Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 139Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 140Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
136
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 34A. OR2CxxA and OR2TxxA Ripple Mode PFU Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Parameter
Symbol
Speed
Unit
-2
-3
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Ripple Setup Times
(TJ = +85 °C, VDD = min):
Operands to Clock (A[3:0], B[3:0] to CK)
Bitwise Operands to Clock
(A[i], B[i] to CK at F[i])
Carry-in from Fast Carry to Clock
(CIN to CK)
Carry-in from General Routing to Clock
(B4 to CK)
Add/Subtract to Clock (A4 to CK)
RIP_SET
FRIP_SET
CIN_SET
B4_SET
AS_SET
6.7
2.4
4.0
4.0
8.2
—
—
—
—
—
5.0
1.7
3.2
3.2
5.6
—
—
—
—
—
3.7
1.3
1.9
1.9
4.3
—
—
—
—
—
3.3
1.2
1.7
1.7
3.9
—
—
—
—
—
2.8
1.0
1.4
1.4
3.2
—
—
—
—
—
2.5
0.9
1.3
1.3
3.1
—
—
—
—
—
ns
ns
ns
ns
ns
Ripple Hold Times (TJ = all, VDD = all): All
TH
0.0
—
0.0
—
0.0
—
0.0
—
0.0
—
0.0
—
ns
Ripple Delays (TJ = 85 °C, VDD = min):
Operands to Carry-out (A[3:0], B[3:0]
to COUT)
Operands to Carry-out (A[3:0], B[3:0]
to O4)
Operands to PFU Out (A[3:0], B[3:0]
to F[3:0])
Bitwise Operands to PFU Out (A[i], B[i]
to F[i])
Carry-in from Fast Carry to Carry-out
(CIN to COUT)
Carry-in from Fast Carry to Carry-out
(CIN to O4)
Carry-in from Fast Carry to PFU Out
(CIN to F[3:0])
Carry-in from General Routing to Carry-
out (B4 to COUT)
Carry-in from General Routing to Carry-
out (B4 to O4)
Carry-in from General Routing to PFU Out
(B4 to F[3:0])
Add/Subtract to Carry-out (A4 to COUT)
Add/Subtract to Carry-out (A4 to O4)
Add/Subtract to PFU Out (A4 to F[3:0])
RIP_CODEL
RIP_O4DEL
RIP_DEL
FRIP_DEL
CIN_CODEL
CIN_O4DEL
CIN_DEL
B4_CODEL
B4_O4DEL
B4_DEL
AS_CODEL
AS_O4DEL
AS_DEL
—
—
—
—
—
—
—
—
—
—
—
—
—
5.4
6.9
8.2
4.0
1.9
3.5
5.6
1.9
3.5
5.6
6.1
7.6
9.7
—
—
—
—
—
—
—
—
—
—
—
—
—
3.8
4.8
6.0
2.8
1.6
2.6
4.2
1.6
2.6
4.2
4.5
5.6
6.8
—
—
—
—
—
—
—
—
—
—
—
—
—
3.3
4.2
4.7
2.1
1.1
2.1
2.9
1.1
2.1
2.9
3.9
4.9
5.3
—
—
—
—
—
—
—
—
—
—
—
—
—
2.6
3.4
3.8
1.7
0.9
1.7
2.3
0.9
1.7
2.3
3.1
3.9
4.3
—
—
—
—
—
—
—
—
—
—
—
—
—
2.1
2.6
3.2
1.6
0.7
1.3
2.2
0.7
1.3
2.2
2.5
3.1
3.5
—
—
—
—
—
—
—
—
—
—
—
—
—
1.8
2.4
2.8
1.5
0.6
1.1
1.7
0.6
1.1
2.1
2.3
2.8
3.1
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Notes:
The new 4 x 1 multiplier and 4-bit comparator submodes use the appropriate ripple mode timing shown above.
Speed grades of -5, -6, and -7 are for OR2TxxA devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com