Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 137 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 137 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 133Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 134Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 135Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 136Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 137Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 138Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 139Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 140Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 141Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
137
Timing Characteristics (continued)
Table 34B. OR2TxxB Ripple Mode PFU Timing Characteristics
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤
+85 °C.
Parameter
Symbol
Speed
Unit
-7
-8
Min
Max
Min
Max
Ripple Setup Times
(TJ = 85 °C, VDD = min):
Operands to Clock (A[3:0], B[3:0] to CK)
Bitwise Operands to Clock
(A[i], B[i] to CK at F[i])
Carry-in from Fast Carry to Clock
(CIN to CK)
Carry-in from General Routing to Clock
(B4 to CK)
Add/Subtract to Clock (A4 to CK)
RIP_SET
FRIP_SET
CIN_SET
B4_SET
AS_SET
2.4
1.1
1.6
1.0
2.9
—
—
—
—
—
1.9
0.9
1.3
0.8
2.3
—
—
—
—
—
ns
ns
ns
ns
ns
Ripple Hold Times (TJ = all, VDD = all): All
TH
ns
Ripple Delays (TJ = 85 °C, VDD = min):
Operands to Carry-out (A[3:0], B[3:0]
to COUT)
Operands to Carry-out (A[3:0], B[3:0]
to O4)
Operands to PFU Out (A[3:0], B[3:0]
to F[3:0])
Bitwise Operands to PFU Out (A[i], B[i]
to F[i])
Carry-in from Fast Carry to Carry-out
(CIN to COUT)
Carry-in from Fast Carry to Carry-out
(CIN to O4)
Carry-in from Fast Carry to PFU Out
(CIN to F[3:0])
Carry-in from General Routing to Carry-
out (B4 to COUT)
Carry-in from General Routing to Carry-
out (B4 to O4)
Carry-in from General Routing to PFU Out
(B4 to F[3:0])
Add/Subtract to Carry-out (A4 to COUT)
Add/Subtract to Carry-out (A4 to O4)
Add/Subtract to PFU Out (A4 to F[3:0])
RIP_CODEL
RIP_O4DEL
RIP_DEL
FRIP_DEL
CIN_CODEL
CIN_O4DEL
CIN_DEL
B4_CODEL
B4_O4DEL
B4_DEL
AS_CODEL
AS_O4DEL
AS_DEL
2.2
3.0
3.1
1.4
0.7
1.4
1.9
0.7
1.4
1.9
2.7
3.4
3.6
—
—
—
—
—
—
—
—
—
—
—
—
—
1.8
2.4
2.5
1.1
0.6
1.2
1.5
0.6
1.2
1.5
2.2
2.8
2.9
—
—
—
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Notes: The new 4 x 1 multiplier and 4-bit comparator submodes use the appropriate ripple mode timing shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com