Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 154 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 154 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 150Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 151Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 152Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 153Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 154Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 155Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 156Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 157Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 158Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
154
Lucent Technologies Inc.
Timing Characteristics (continued)
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by
ORCA Foundry.
This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the input buffer delay and the clock routing to
the PFU CLK input. The delay will be reduced if any of the clock branches are not used. The given Setup (Delayed and No delay) and Hold
(Delayed) timing allows the input clock pin to be located in any PIC on any side of the device, but direct I/O
→FF routing must be used. The Hold
(No delay) timing assumes the clock pin is located at one of the four center PICs and direct I/O
→FF routing is used. If it is not located at one of
the four center PICs, this delay must be increased by up to the following amounts: OR2C/2T04A = 5.3%, OR2C/2T06A = 6.4%, OR2C/2T08A =
7.3%, OR2C/2T10A = 9.1%, OR2C/2T12A = 10.8%, OR2C/2T15A = 12.2%, OR2C/2T26A = 16.1%, OR2C/2T40A = 21.2%.
Speed grades of -5, -6, and -7 are for OR2TxxA devices only.
Table 45A. OR2CxxA/OR2TxxA Global Input to Clock Setup/Hold Time (Pin-to-Pin)
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Description
(TJ = all, VDD = all)
Device
Speed
Unit
-2
-3
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Input to CLK (TTL/CMOS)
Setup Time (no delay)
OR2C/2T04A
OR2C/2T06A
OR2C/2T08A
OR2C/2T10A
OR2C/2T12A
OR2C/2T15A
OR2C/2T26A
OR2C/2T40A
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
—
—
—
—
—
0.0
0.0
0.0
—
—
—
—
—
—
—
—
—
—
—
—
—
0.0
0.0
0.0
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
Input to CLK (TTL/CMOS)
Setup Time (delayed)
OR2C/2T04A
OR2C/2T06A
OR2C/2T08A
OR2C/2T10A
OR2C/2T12A
OR2C/2T15A
OR2C/2T26A
OR2C/2T40A
5.8
5.7
5.6
5.3
5.2
4.9
7.3
6.8
—
—
—
—
—
—
—
—
5.5
5.4
5.3
5.0
4.9
4.7
6.9
6.4
—
—
—
—
—
—
—
—
4.2
4.1
4.0
3.9
3.8
3.6
6.0
5.5
—
—
—
—
—
—
—
—
4.0
3.9
3.8
3.7
3.6
3.4
5.7
5.2
—
—
—
—
—
—
—
—
—
—
—
—
—
4.1
6.7
6.5
—
—
—
—
—
—
—
—
—
—
—
—
—
4.1
6.0
5.8
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
Input to CLK (TTL/CMOS)
Hold Time (no delay)
OR2C/2T04A
OR2C/2T06A
OR2C/2T08A
OR2C/2T10A
OR2C/2T12A
OR2C/2T15A
OR2C/2T26A
OR2C/2T40A
4.2
4.3
4.5
4.8
5.0
5.4
6.2
7.9
—
—
—
—
—
—
—
—
4.0
4.1
4.3
4.6
4.8
5.1
5.8
6.8
—
—
—
—
—
—
—
—
3.8
3.9
4.1
4.4
4.6
4.9
5.6
6.6
—
—
—
—
—
—
—
—
3.6
3.7
3.9
4.2
4.4
4.7
5.3
6.3
—
—
—
—
—
—
—
—
—
—
—
—
—
4.2
4.6
5.8
—
—
—
—
—
—
—
—
—
—
—
—
—
3.7
4.1
4.9
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
Input to CLK (TTL/CMOS)
Hold Time (delayed)
OR2C/2T04A
OR2C/2T06A
OR2C/2T08A
OR2C/2T10A
OR2C/2T12A
OR2C/2T15A
OR2C/2T26A
OR2C/2T40A
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
—
—
—
—
—
—
—
—
—
—
—
—
—
0.0
0.0
0.0
—
—
—
—
—
—
—
—
—
—
—
—
—
0.0
0.0
0.0
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com