Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 158 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 158 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 154Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 155Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 156Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 157Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 158Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 159Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 160Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 161Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 162Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
158
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 47. Series 2 General Configuration Mode Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA/B Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA/B Industrial: VDD = 3.0 V to 3.6 V,
–40 °C
≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Max
Unit
All Configuration Modes
M[3:0] Setup Time to INIT High
TSMODE
50.0
—
ns
M[3:0] Hold Time from INIT High
THMODE
600.0
—
ns
RESET
Pulse Width Low to Start Reconfiguration
TRW
50.0
—
ns
PRGM
Pulse Width Low to Start Reconfiguration
TPGW
50.0
—
ns
Master and Asynchronous Peripheral Modes
Power-on Reset Delay
CCLK Period (M3 = 0)
(M3 = 1)
Configuration Latency (noncompressed):
OR2C/2T04A
(M3 = 0)
(M3 = 1)
OR2C/2T06A
(M3 = 0)
(M3 = 1)
OR2C/2T08A
(M3 = 0)
(M3 = 1)
OR2C/2T10A
(M3 = 0)
(M3 = 1)
OR2C/2T12A
(M3 = 0)
(M3 = 1)
OR2C/2T15A/2T15B
(M3 = 0)
(M3 = 1)
OR2C/2T26A
(M3 = 0)
(M3 = 1)
OR2C/2T40A/2T40B
(M3 = 0)
(M3 = 1)
TPO
TCCLK
TCL
17.30
66.0
528.00
4.31
34.48
6.00
48.00
7.62
60.96
9.82
78.56
11.86
94.88
14.57
116.56
20.25
162.00
31.29
250.32
69.47
265.00
2120.00
17.30*
138.40*
24.08*
192.64*
30.60*
244.80*
39.43*
315.44*
47.62*
380.96*
58.51*
468.08*
81.32*
650.56*
125.62*
1004.96*
ms
ns
ns
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
Slave Serial and Synchronous Peripheral Modes
Power-on Reset Delay
CCLK Period (OR2CxxA/OR2TxxA)
CCLK Period (OR2TxxB)
Configuration Latency (noncompressed):
OR2C/2T04A
OR2C/2T06A
OR2C/2T08A
OR2C/2T10A
OR2C/2T12A
OR2C/2T15A
OR2T15B
OR2C/2T26A
OR2C/2T40A
OR2T40B
TPO
TCCLK
TCCLK
TCL
4.33
100.00
25.00
6.53
9.09
11.55
14.88
17.97
22.08
5.52
30.69
47.40
11.85
17.37
—
—
—
—
—
—
—
—
—
—
—
—
ms
ns
ns
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
* Not applicable to asynchronous peripheral mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com