Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 162 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 162 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 158Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 159Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 160Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 161Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 162Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 163Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 164Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 165Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 166Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
162
Lucent Technologies Inc.
Timing Characteristics (continued)
Notes:
The RCLK period consists of seven CCLKs for RCLK low and one CCLK for RCLK high.
Serial data is transmitted out on DOUT 1.5 CCLK cycles after the byte is input D[7:0]
f.44(F)
Figure 67. Master Parallel Configuration Mode Timing Diagram
Table 49. Series 2 Master Parallel Configuration Mode Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA/B Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA/B Industrial: VDD = 3.0 V to 3.6 V,
–40 °C
≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Max
Unit
RCLK to Address Valid
TAV
0
200
ns
D[7:0] Setup Time to RCLK High
TS
60
—
ns
D[7:0] Hold Time to RCLK High
TH
0—
ns
RCLK Low Time (M3 = 0)
TCL
462
1855
ns
RCLK High Time (M3 = 0)
TCH
66
265
ns
RCLK Low Time (M3 = 1)
TCL
3696
14840
ns
RCLK High Time (M3 = 1)
TCH
528
2120
ns
CCLK to DOUT
TD
—30
ns
A[17:0]
RCLK
D[7:0]
TCL
TCH
TAV
CCLK
DOUT
TH
TS
BYTE N
BYTE N + 1
D0
D1
D2
D3
D4
D5
D6
D7
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com