Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 161 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 161 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 157Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 158Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 159Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 160Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 161Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 162Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 163Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 164Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 165Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
161
Timing Characteristics (continued)
Note: Serial configuration data is transmitted out on DOUT on the falling edge of CCLK after it is input DIN.
Figure 66. Master Serial Configuration Mode Timing Diagram
Table 48. Series 2 Master Serial Configuration Mode Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA/B Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA/B Industrial: VDD = 3.0 V to 3.6 V,
–40 °C
≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Nom
Max
Unit
DIN Setup Time
TS
60.0
—
—
ns
DIN Hold Time
TH
0—
—
ns
CCLK Frequency (M3 = 0)
FC
3.8
10.0
15.2
MHz
CCLK Frequency (M3 = 1)
FC
0.48
1.25
1.9
MHz
CCLK to DOUT Delay
TD
——
30
ns
5-4532(F)
DIN
CCLK
DOUT
TS
TH
BIT N
TD
BIT N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com