Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 164 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 164 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 160Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 161Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 162Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 163Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 164Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 165Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 166Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 167Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 168Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
164
Lucent Technologies Inc.
Timing Characteristics (continued)
Note: Serial data is transmitted out on DOUT 1.5 clock cycles after the byte is input D[7:0].
Note: Serial data is transmitted out on DOUT 1.5 clock cycles after the byte is input D[7:0].
Figure 69. Synchronous Peripheral Configuration Mode Timing Diagram
Table 51A. OR2CxxA/OR2TxxA Synchronous Peripheral Configuration Mode Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Max
Unit
D[7:0] Setup Time
TS
20
—
ns
D[7:0] Hold Time
TH
0—
ns
CCLK High Time
TCH
50
—
ns
CCLK Low Time
TCL
50
—
ns
CCLK Frequency
FC
—10
MHz
CCLK to DOUT
TD
—30
ns
Table 51B. OR2TxxB Synchronous Peripheral Configuration Mode Timing Characteristics
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Max
Unit
D[7:0] Setup Time
TS
15
—
ns
D[7:0] Hold Time
TH
0—
ns
CCLK High Time
TCH
12.5
—
ns
CCLK Low Time
TCL
12.5
—
ns
CCLK Frequency
FC
—40
MHz
CCLK to DOUT
TD
—10
ns
5-4534(F)
CCLK
INIT
D[7:0]
DOUT
RDY
01
2
3
4
BYTE 0
BYTE 1
TINIT_CLK
TCH
TCL
TH
TS
TD
5
6
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com