Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 155 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 155 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 151Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 152Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 153Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 154Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 155Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 156Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 157Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 158Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 159Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
155
Timing Characteristics (continued)
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by
ORCA Foundry.
This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the input buffer delay and the clock routing to
the PFU CLK input. The delay will be reduced if any of the clock branches are not used. The given Setup (delayed and no delay) and Hold
(delayed) timing allows the input clock pin to be located in any PIC on any side of the device, but direct I/O
→FF routing must be used. The Hold
(no delay) timing assumes the clock pin is located at one of the four center PICs and direct I/O
→FF routing is used. If it is not located at one of
the four center PICs, this delay must be increased by up to the following amounts: OR2T15B = 5.7%, OR2T40B = 12.5%.
Figure 64. Global Input to Clock Setup/Hold Time
Table 45B. OR2TxxB Global Input to Clock Setup/Hold Time (Pin-to-Pin)
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Description
(TJ = all, VDD = all)
Device
Speed
Unit
-7
-8
Min
Max
Min
Max
Input to CLK (TTL/CMOS)
Setup Time (no delay)
OR2T15B
OR2T40B
0.0
0.0
—
—
0.0
0.0
—
—
ns
ns
Input to CLK (TTL/CMOS)
Setup Time (delayed)
OR2T15B
OR2T40B
4.7
7.7
—
—
4.0
5.5
—
—
ns
ns
Input to CLK (TTL/CMOS)
Hold Time (no delay)
OR2T15B
OR2T40B
1.6
1.4
—
—
1.4
1.3
—
—
ns
ns
Input to CLK (TTL/CMOS)
Hold Time (delayed)
OR2T15B
OR2T40B
0.0
0.0
—
—
0.0
0.0
—
—
ns
ns
Q
D
CLK
INPUT
5-4847(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com