Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
33
MINIMUM AND MAXIMUM GAIN
The ALCMIN and ALCMAX register bits set the minimum/maximum gain value that the PGA can be
set to whilst under the control of the ALC. This has no effect on the PGA when ALC is not enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
ALC Control 1
5:3
ALCMAX
111
Set Maximum Gain of PGA
2:0
ALCMIN
000
Set minimum gain of PGA
Table 23 ALC Max/Min Gain
In normal mode, ALCMAX sets the maximum boost which can be applied to the signal. In limiter
mode, ALCMAX will normally have no effect (assuming the starting gain value is less than the
maximum gain specified by ALCMAX) because the maximum gain is set at the starting gain level.
ALCMIN sets the minimum gain value which can be applied to the signal.
Figure 14 ALC Min/Max Gain
ALCMAX
Maximum Gain (dB)
111
35.25
110
29.25
101
23.25
100
17.25
011
11.25
010
5.25
001
-0.75
000
-6.75
Table 24 ALC Max Gain Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com