Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
12
Test Conditions
DVDD=1.8V, AVDD= 3.3V, DGND=AGND =0V, TA=+25
oC, Slave Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless otherwise
stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
FRAME propagation delay from BCLK falling edge
tDL
10
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
15
ns
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
DVDD=1.8V, AVDD=3.3V, DGND=AGND =0V, TA=+25
oC, Slave Mode, fs=48kHz, MCLK= 256fs, 24-bit data, unless otherwise
stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
81.38
ns
BCLK pulse width high
tBCH
32.55
ns
BCLK pulse width low
tBCL
32.55
ns
FRAME set-up time to BCLK rising edge
tLRSU
10
ns
FRAME hold time from BCLK rising edge
tLRH
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
15
ns
Note:
BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com