Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
15
DEVICE DESCRIPTION
INTRODUCTION
FEATURES
The WM8952 is a low power audio ADC, with flexible line and microphone input. It offers great
flexibility in use, and so can support many different modes of operation as follows:
MICROPHONE INPUTS
Two microphone inputs are provided, allowing for either a differential microphone input or a single
ended microphone to be connected. These inputs have a user programmable gain range of -12dB
to +35.25dB using internal resistors. After the input PGA stage comes a boost stage which can add
a further 20dB of gain. A microphone bias is output from the chip which can be used to bias the
microphones. The signal routing can be configured to allow manual adjustment of mic levels, or to
allow the ALC loop to control the level of mic signal that is transmitted.
Total gain through the microphone paths of up to +55.25dB can be selected.
PGA AND ALC OPERATION
A programmable gain amplifier is provided in the input path to the ADC. This may be used manually
or in conjunction with a mixed analogue/digital automatic level control (ALC) which keeps the
recording volume constant.
AUX INPUT
The device includes a mono input, AUX, which can also be mixed into the signal path in a flexible
fashion, either to the input PGA as a second microphone input or as a line input. The configuration
of this circuit, with integrated on-chip resistors allows several analogue signals to be summed into
the single AUX input if required.
ADC
The mono ADC uses a multi-bit high-order oversampling architecture to deliver optimum
performance with low power consumption. Various sample rates are supported, from the 8ks/s rate
typically used in voice dictation, up to the 48ks/s rate used in high quality audio applications.
DIGITAL FILTERING
Advanced Sigma Delta Converters are used along with digital decimation and interpolation filters to
give high quality audio at sample rates from 8ks/s to 48ks/s.
Application specific digital filters are also available which help to reduce the effect of specific noise
sources such as wind noise or narrowband noise from other parts of the system. The filters include a
programmable ADC high pass filter and four fully programmable ADC notch filters.
AUDIO INTERFACES
The WM8952 has a standard audio interface, to support the transmission of audio data to and from
the chip. This interface is a 4 wire standard audio interface which supports a number of audio data
formats including I2S, DSP Mode, MSB-First, left justified and MSB-First, right justified, and can
operate in master or slave modes.
CONTROL INTERFACES
To allow full software control over all its features, the WM8952 supports 2 or 3 wire control interface.
It is fully compatible and an ideal partner for a wide range of industry standard microprocessors,
controllers and DSPs. The selection between 2-wire mode and 3-wire mode is determined by the
state of the MODE / GPIO pin. If MODE / GPIO is high then 3-wire control mode is selected, if
MODE is low then 2-wire control mode is selected.
In 2 wire mode, only slave operation is supported, and the address of the device is fixed as 0011010.
CLOCKING SCHEMES
WM8952 supports the normal audio clocking scheme operation, where 256fs MCLK is provided to
the ADC.
However, a PLL is also included which may be used to generate the internal master clock frequency
in the event that this is not available from the system controller. This PLL uses an input clock,
typically the 12MHz USB or ilink clock, to generate high quality audio clocks. If this PLL is not
required for generation of these clocks, it can be reconfigured to generate alternative clocks which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com