Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
40
DIGITAL AUDIO INTERFACES
The audio interface has 3 pins:
•
ADCDAT: ADC data output
•
FRAME: Data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and FRAME can be outputs when the WM8952 operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I2S
•
DSP mode A / B
All of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8952 audio interface may be configured as either master or slave. As a master interface
device the WM8952 generates BCLK and FRAME and thus controls sequencing of the data transfer
on ADCDAT. To set the device to master mode register bit MS should be set high. In slave mode
(MS=0), the WM8952 responds with data to clocks it receives over the digital audio interfaces.
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an FRAME
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each FRAME transition.
Figure 19 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a FRAME
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each FRAME transition.
Figure 20 Right Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com