Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
47
COMPANDING
The WM8952 supports A-law and
μ-law companding. This can be enabled by writing the appropriate
value to the ADC_COMP register bit. If packed mode companding is desired the WL8 register bit is
available. It will override the normal audio interface WL bits to give an 8-bit word length. Refer to
Table 29 Audio Interface Control for setting the output word length.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Companding
control
2:1
ADC_COMP
0
ADC companding
00=off
01=reserved
10=μ-law
11=A-law
Table 36 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out
by ITU-T G.711 standard) for data compression:
μ-law (where μ=255 for the U.S. and Japan):
F(x) = ln( 1 +
μ|x|) / ln( 1 + μ)
-1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
} for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
} for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
μ-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSB’s
of data.
Companding converts 13 bits (
μ-law) or 12 bits (A-law) to 8 bits using non-linear quantization. The
input data range is separated into 8 levels, allowing low amplitude signals better precision than that
of high amplitude signals. This is to exploit the operation of the human auditory system, where
louder sounds do not require as much resolution as quieter sounds. The companded signal is an 8-
bit word containing sign (1-bit), exponent (3-bits) and mantissa (4-bits).
BIT7
BIT[6:4]
BIT[3:0]
SIGN
EXPONENT
MANTISSA
Table 37 8-bit Companded Word Composition
u-law Companding
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 25 u-Law Companding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com