Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
54
POWER MANAGEMENT
VMID
The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance
of the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the
start-up time of the VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL 00
Reference string impedance to VMID pin
(determines startup time):
00=off (open circuit)
01=50kΩ
10=250kΩ
11=5kΩ (for fastest startup)
Table 43 VMID Impedance Control
BIASEN
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Table 44 BIASEN Control
ESTIMATED SUPPLY CURRENTS
When either the ADC is enabled it is estimated that approximately 4mA will be drawn from DVDD
when fs=48kHz (This will be lower at lower sample rates). When the PLL is enabled an additional
700 microamps will be drawn from DVDD.
Table 45 shows the estimated 3.3V AVDD current drawn by various circuits, by register bit.
REGISTER BIT
AVDD CURRENT (MILLIAMPS)
PLLEN
1.4mA (with clocks applied)
MICBEN
0.5mA
BIASEN
0.3mA
BUFIOEN
0.1mA
VMIDSEL
5K=>0.3mA, less than 0.1mA for 50k/250k
BOOSTEN
0.2mA
INPPGAEN
0.2mA
ADCEN
2.6mA
Table 45 AVDD Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com