Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
24
PROGRAMMABLE NOTCH FILTERS
Four programmable notch filters are provided. These filters have a programmable centre frequency
and bandwidth, programmable via two coefficients, a0 and a1. a0 and a1 are represented by the
register bits NFx_A0[13:0] and NFx_A1[13:0]. The notch filter coefficients should be converted to
sign / magnitude notation to enter into the registers. Notch Filter 3 can also be programmed as a 1st
order low pass filter.
Because these coefficient values require two register writes to set up there is an NFx_UP (Notch
Filter Update) flag for each filter which should be set only when both A0 and A1 for the filter have
been set.
The notch filters can be individually enabled, using the corresponding NFx_EN register bit, as can be
seen in Figure 11:
Figure 11 Labelling of Notch Filters and Arrangement of Notch Filter Enables
The notch filter coefficients must be entered using a sign / magnitude notation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16
Notch Filter 0A
15
NF0_UP
0
Notch filter 0 update. The notch filter 0
values used internally only update when
one of the NF0_UP bits is set high.
14
NF0_EN
0
Notch filter 0 enable:
0=Disabled
1=Enabled
13:0
NF0_A0
0
Notch Filter 0 a0 coefficient
R17
Notch Filter 0B
15
NF0_UP
0
Notch filter 0 update. The notch filter 0
values used internally only update when
one of the NF0_UP bits is set high.
13:0
NF0_A1
0
Notch Filter 0 a1 coefficient
Table 15 Notch Filter 0 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com