Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
41
In I2S mode, the MSB is available on the second rising edge of BCLK following a FRAME transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
Figure 21 I2S Audio Interface (assuming n-bit word length)
In DSP/PCM mode, the left channel MSB is available on either the 1st (Mode B) the 2nd (Mode A)
rising edge of BCLK (selectable by FRAMEP) following a rising edge of FRAME. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
FRAMEP should be set to 0 in this mode.
Figure 22 DSP/PCM Mode Audio Interface (Mode A, FRAMEP=0)
Figure 23 DSP/PCM Mode Audio Interface (Mode B, FRAMEP=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com