Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
50
Figure 27 Example Usage of MODE Pin to Generate a Clock Out in 3-wire Mode
This example shows how the MODE_GPIO register bit interfaces to the MODE pad in the case there
MODE is used as a GPIO output. When MODE_GPIO is set, the internal version of MODE is
overridden to high and the MODE pin output driver is enabled. The pull up, which is used to default
3-wire mode at start-up, is disabled as a power saving measure. MODE_GPIO cannot be set in 2-
wire mode - this would prevent correct operation of the control interface. Internal timing is arranged
to ensure that the override is in place before the pull-up is disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
GPIO
Control
7
MODE_GPIO
0
Selects MODE pin as a GPIO pin
0 = MODE is an input. MODE selects 2-
wire mode when low and 3-wire mode
when high.
1 = MODE can be an input or output
under the control of the GPIO control
register. Interface operates in 3-wire
mode regardless of what happens on the
MODE pin.
Table 40 Mode is GPIO Control
Auto-incremental writes are supported in 2 wire and 3 wire modes. This is enabled by default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
Control
Interface
1
AUTOINC
1
Auto-Incremental write enable
0=Auto-Incremental writes disabled
1=Auto-Incremental writes enabled
Table 41 Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com