Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
26
The notch filter coefficients are calculated as follows:
)
2
/
w
tan(
1
)
2
/
w
tan(
1
a
b
b
0
+
−
=
Where:
s
c
0
f
/
f
2
w
π
=
s
b
b
f
/
f
2
w
π
=
fc = centre frequency in Hz, fb = -3dB bandwidth in Hz, fs = sample frequency in Hz
The actual register values can be determined from the coefficients as follows:
NFn_A0 = -a0 x 213
NFn_A1 = -a1 x 212
These values are then converted to a 14-bit sign / magnitude notation.
To configure Notch Filter 3 as a 1st order low pass filter, set the NF3_LP bit to 1 and calculate the
coefficients as follows:
0
a0 =
1
)
2
/
w
tan(
1
)
2
/
w
tan(
a
c
c
1
+
−
=
Where:
s
c
c
f
/
f
2
w
π
=
fc = cut-off frequency in Hz, fs = sample frequency in Hz
The actual register values can be determined from the coefficients as follows:
NF3_A0 = 0
NF3_A1 = -a1 x2
12
These values are then converted to a 14-bit sign / magnitude notation.
DIGITAL ADC VOLUME CONTROL
The output of the ADCs can be digitally attenuated over a range from –127dB to 0dB in 0.5dB steps.
The gain for a given eight-bit code X is given by:
Gain = 0.5 x (x–255) dB for 1
≤ x ≤ 255, MUTE for x = 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R15
ADC Digital
Volume
7:0
ADCVOL
[7:0]
11111111
( 0dB )
ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Table 19 ADC Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com